Part Number Hot Search : 
2316226 DSPIC33 74LS22 M74HC4 LTC385 T54FC 100118Y D1220
Product Description
Full Text Search
 

To Download SW960330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/MOT/SW960330/A/16/03/2000
INVERSEURS DE SENS DE ROTATION MOTOR REVERSER ( Ready to use)
Le relais SW960330 est etudie pour demarrer et inverser le sens de rotation de moteurs triphases asynchrones , avec la commutation de 2 phases uniquement ( 4 commutateurs : 2 legs) . Le produit directement montable sur rail DIN avec un calibre des thyristors de 50ARMS , permet de controler un moteur avec un courant nominal de 4,5ARMS soit 1,5kWatts sous 400VAC , en tenant compte des courants de demarrage et d'inversion. Ces produits sont realises avec des composants haute immunite , sans relais REED ( tout electronique) , avec toutes les protections : RC , VDR,... mais aussi interverouillage , temporisation entre chaque inversion,... Ces relais sont equipes de thyristors 1600V. The relay SW960330 is designed for controlling and inverting the direction of a three-phase motors without direct third leg ( two legs). Directly mounting on a DIN rail , this product with a maximum current of semiconductors of 50 Amps. rms , can drive a motor with a current rating of 4,5 Amps.rms (or approximately 1,5kW under 400 V), taking the starting and reversing current into account. These products are designed with very high immunity components , without REED switches (only composed of solid state components) , with all protections : RC , VDR ,..... temporisation ,........., and 1600Volt peak voltage components.
page 1 /5 F/GB
SW960330
3x400VAC 1,5KW
Boitier IP20 IP20 housing
100
72
83 25
3x 400VAC
Internal block diagram :
1L1 -A2/B2 0V Forward Reverse 3L2 5L3
+B1
Control logic
Reverse Forward
+A1
1L1 3L2 5L3
24-500VAC
8,5A AC53a (EN60947-1) With suitable heatsink See instruction sheet 1L1 3L2 5L3
RC -VDR protection
+ B1 -A2/B2
12-30VDC
+ B1 -A2/B2
EN60947-1
celduc
France
Solid State Motor Reverser
Insulation (photocouplers)
R
+A1
2T1
2T1 4T2 6T3
4T2
6T3
+ A1
F
SW9 2T1
4T2
6T3
M3~
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
celduc
r e l a i
s
S/MOT/SW960330/A/16/03/2000
page 2 / 5 F/GB
Synoptique interne / Internal diagram for two leg models :
Forward Reverse
1L1 ~ LED Insu lation Switch RC network VDR 2T1 ~ 3L2 ~ Insu lation Switch RC network VDR 4T2 ~
Mains or load Load or mains Mains or load Load or mains Mains or load Load or mains
Common A 2 /B2
Control lock
Controls
Reverse
B1
+
Forward
A1
+
Input circuit 5L3 ~ Insu lation Switch RC network VDR 6T3 ~
Insu
lation
Switch
RC network
VDR
L3-T3 depending of models
Developpe conformement aux normes / Designed in compliance with standards: ->EN60947-4-2 (V.D.E. 0660 part 109, I.E.C. 158-2) ->EN60947-1 & A11 ->EN60950 (V.D.E. 0805-> office equipment) (Pending approval) ->U.L. 508 (Pending approval) ->c.U.L (Pending approval) Plage de tension de commande / Control voltage range Plage de courant de commande / Control current range Tension de non fonctionnement/ Release voltage LED de visualisation / Display LED
protection en cas de cdes simultanees / protection against simultaneous controls
Control
Uc Ic Ur
tension inverse maxi / Maximum reverse voltage Signal de sortie / Output signal temporisation inversion / Reversing time
Ui Ui Uimp
Urv
12-30VDC 15-25mADC 6VDC Yes Yes 30V no output fixed 70ms
3300 3300 4000 Unit VRMS VRMS V
Caracteristiques d'entree-sortie (a 20C) / Input-output characteristics (at 20C) Isolement entree-sortie/Input-output isolation @500m Isolement sortie-semelle/Output-case isolation @500m Tension assignee isolement/rated impulse voltage
Caracteristiques generales / General characteristics Poids/Weight Plage de temperature de stockage / Storage temperature range Plage de temperature de fonctionnement/Operating temperature range
130g
-40 / +100 -40 / +100
Unit g C C
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
S/MOT/SW960330/A/16/03/2000
page 3 / 5 F/GB Tension nominale/ Standard mains voltage Plage de tension de fonctionnement / Mains voltage range tension crete non repetitive/ Non-repetitive maximum peak voltage Courant AC-53 maxi/ Max. nom. current (AC53a=AC3) @40C Puissance moteur/ 3 pole power motor ( 3x400VAC) Chute directe / Max Direct voltage drop (@Ie) Courant crete non repetitif/ Non repetitive overload current (@ 1 cycle of 10ms) I2t value/ Melting limit (choice of fuse) @10ms Courant minimal de charge / Minimum load current facteur de puissance/ Power factor (@ Ie) Ue Un Up Ie Pn Ud ITSM
2
400 VAC 24-520VAC 1600V 4,5ARMS 1,5KW 1,4VRMS 550A 1500 A2s 100 mA 0 up to 1 20ms / 100ms 10ms 5 mARMS 500V/s 25 up to 440Hz
Output
It Imin Pf Temps d'ouverture et de temporisation/ Turn on time-reversing time(@50Hz) ton/trv Temps d'ouverture/ Turn off time (@50Hz) toff Courant de fuite /Maximum leakage current (@Ue/50Hz) Ilk dv/dt / Max off state voltage rise dv/dt Frequence de reseau / Operating frequency range f
Max conducted immunity level Test accord. to I.E.C.1000-4-4 (bursts) Max conducted immunity level Test acc. to I.E.C.1000-4-5 (el. shocks) Max radiated immunity level Test accord. to I.E.C.1000-4-3 Max electrostatic disch. immunity level Test accord. to I.E.C.1000-4-2 Max conducted emission level (0,84KV direct at output, 4KV with a clamp at input no turn on or damage 2KV in common mode, 1KV in differential mode (Input & output) no turn on or damage
E.M.C.
10V/m
no turn on or damage
8KV in the air / 4KV touching
no turn on or damage
The conducted noise made by SSR depends on the wiring configuration and the load type. Test methods recommended by European E.M.C. standards giving results far from reality, we have chosen to advise the right filter suited for the customer's use: Refer to EMC chapter
<30dBV from 30 up to 230MHz ; <37dBV from 230 up to 1000MHz
Misc.
0,5K/W (1 leg) 5K/W 130g
SSR SELECTION motors soft-staters
REVERSERS + HEATSINK SELECTION IN COMPLIANCE WITH EN60947-4-2 Relays with heatsink Ferraz fuse type Overload relay type
14x51 size / max. rating Klockner-Moeller
for a permanent current
Motor power In motor
(@ 400V)
two legs
ambient =40C
0,75 kW 1,1 kW 1,5 kW 2,2 kW 3 kW 4 kW
2A 2,6A 3,5A 5A 6,6A 8,5A
SW960330 SW960330 SW960330 SW961230 (See data-sheet) SW961230 (See data-sheet) SW961230 (See data-sheet)
am 8A/500V am 8A/500V am 12A/500V am 12A/500V am 12A/500V am 12A/500V
Z00-2.4 Z00-6 Z00-6 Z00-6 Z00-10 Z00-10
For motor > 4kW consult us : we have some solutions
celduc
r e l a i
s
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
S/MOT/SW960330/A/16/03/2000
Caracteristiques thermiques / Thermal curves :
30 30
page 4 / 5 F/GB
25 Total wasted power (W)
25
20
20
15
15
10
10
5
5
0 0 2 4 6 8 10 RMS load current (A) 12 0
0 10 20 30 40 50 60 70 80 90 100 Ambient temperature (C)
Courant de surcharge non repetitif :ITSM / Non repetitive surge peak onstate current : ITSM Itsm (Apeak)
Surge current Itsm (A peak) = f(t) 600
for models with Itsm =550A
1
400
1 : No repetitive Itsm (Apeak)=f(t) without voltage reapplied
200
2
0,1 1 10
2 : Repetitive Itsm (Apeak)=f(t) with voltage reapplied for initial Tj =70C
0 0,01
t (s)
SV
1
SOLID (No ferrule) FINE STRANDED (With ferrule)
Wiring of the control circuit:
NUMBER OF WIRES 2 (DISTRIBUTION)
SOLID (No ferrule) FINE STRANDED (With ferrule)
SCREWDRIVER TYPE
MINIMUM TORQUE
N.m 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 0,75 ... 2,5 mm2 0,8 x 5,5 mm POZIDRIV 2 1,2
SV
1
SOLID (No ferrule) FINE STRANDED (With ferrule)
Wiring of the power circuit:
NUMBER OF WIRES 2 (DISTRIBUTION)
SOLID (No ferrule) FINE STRANDED (With ferrule)
SCREWDRIVER TYPE
MINIMUM TORQUE
N.m 1,5 ... 10 mm2 1,5 ... 6 mm2 1,5 ... 10 mm2 1,5 ... 6 mm2 0,8 x 5,5 mm POZIDRIV 2 1,8
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19
S/MOT/SW960330/A/16/03/2000
page 5 / 5 F/GB
NOTE D'APPLICATION : UTILISER UN SW9 POUR L'INVERSION DE SENS DE ROTATION D'UN MOTEUR ASYNCHRONE MONOPHASE A CONDENSATEUR DE DEPHASAGE APPLICATION NOTE : USING A SW9 RELAY FOR REVERSING AN ASYNCHRONOUS SINGLE PHASE MOTOR WORKING WITH A PHASE SHIFTING CAPACITOR
ALIMENTATION MONOPHASE / Main voltage
L N
Reverse Forward
1L1
3L2
5L3
24-500VAC
+B1 -A2/B2
EN60947-1
12-30VDC
celduc
France
Solid State Motor Reverser
8,5A AC53a (EN60947-1) With suitable heatsink See instruction sheet 1L1 3L2 5L3
+A1
F
R
SW9 2T1
2T1
4T2
6T3
4T2
6T3
Note : Le relais SW9 developpe initialement pour inverser le sens de rotation des moteurs asynchrones triphases peut aussi etre utilise pour l'inversion de moteurs monophases . Ce relais possede 4 voies de puissance , une temporisation a l'inversion et un verrouillage en cas de commande simultanee . Pour des quantites importantes , en utilisation monophasee , le produit peut etre simplifie car seulement 2 voies sur 4 sont utilisees . Note : The SW9 relay which has been initially developped in order to reverse three phase asynchronous motors , can be used for reversing single phase motors . This relay has 4 power switches , a reversing temporization and a lock in case of simultaneous controls . If you need a big quantity for a single phase use , please contact us , because we are able to simplify the product as only 2 switches among 4 are used .
C
M
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SW960330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X